Part Number Hot Search : 
SM280A MAX19516 C2510 16PF06 B0000 T5746 016AT LM319D
Product Description
Full Text Search
 

To Download MBR4060WT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
l l
l
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MBR4020WT THRU MBR4060WT
40 Amp Schottky Barrier Rectifier 20 to 60 Volts
High Surge Capacity Low Power Loss, High Efficiency High Current Capability, Low VF Metal of silicon Rectifier, majority Carrier Conduction Guard Ring For Transient Protection Plastic Package Has UL Flammability Classification 94V-0
l l l
Maximum Ratings
l l
Operating Temperature: -55 C to +150 C Storage Temperature: -55 C to +175 C Maximum Maximum Recurrent Peak RMS Voltage Reverse Voltage 20V 30V 35V 40V 45V 60V 14V 21V 24.5V 28V 31.5V 42V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V
A
o o
o
o
TO-247
F E P G Q O
PIN 1 2 3
MCC Part Number
MBR4020WT MBR4030WT MBR4035WT MBR4040WT MBR4045WT MBR4060WT
B
K
D H I J C N
Electrical Characteristics @ 25oC Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage MBR4020WT-4045WT MBR4060WT MBR4020WT-4045WT MBR4060WT Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance I F(AV) I FSM 40.0A 400A T C =125 C
o
L L PIN 1
M PIN 2 CASE
8.3ms half sine
PIN 3
VF
.70V .80V .80V .90V
IFM=20.0A T C= 2 5o C IFM=40.0A T C= 2 5o C T C= 2 5o C T C= 1 2 5 o C Measured at 1.0MHz, V R=4.0V
A B C D E F G H I J K L M N O P Q

IR
1.0mA 100mA 700pF
Cj
Pulse test: Pulse width 300 usec, duty cycle 2%.
INCHES MM .620 .640 15.75 16.25 .837 .856 21.25 21.75 .772 .791 19.60 20.10 .149 .172 3.78 4.38 .074 .082 1.88 2.08 .192 .202 4.87 5.13 .173 TYP 4.4 TYP .075 .085 1.90 2.16 .115 .127 2.93 3.22 .044 .048 1.12 1.22 .114 .126 2.90 3.20 .205 .224 5.20 5.70 .083 .095 2.10 2.40 .020 .030 0.51 0.76 .076 .086 1.93 2.18 20 TYP 10 TYP
www.mccsemi.com
*M*C*C*
MBR4020WT thru MBR4060WT
PEAK FORWARD SURGE CURRENT, AMPERES
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
40
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
400
30
300
20
200
10
RESISTIVE OR INDUCTIVE LOAD
100
8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0
25
50
75
100
125
150
175
1
2
5
10
20
50
100
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL REVERSE CHARACTERISTICS
10
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
INSTANTANEOUS REVERSE CURRENT ,(mA)
TJ = 125 C
1.0
10
MBR4020WT~ MBR4045WT
0.1
TJ = 75 C
MBR4060WT
1.0
0.01
TJ = 25 C
TJ = 25 C PULSE WIDTH 300ua 300us
0.001 0 20 40 60 80 100 120 140
0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
PERCENT OF RATED PEAK REVERSE VOLTAGE ,(%) INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
10000
CAPACITANCE , (pF)
1000
TJ = 25 C, f= 1MHz
100 0.1 1 4 10 100
REVERSE VOLTAGE , VOLTS
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MBR4060WT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X